Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP6L71RT-E/OT Arkusz danych(PDF) 30 Page - Microchip Technology

Numer części MCP6L71RT-E/OT
Szczegółowy opis  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71RT-E/OT Arkusz danych(HTML) 30 Page - Microchip Technology

Back Button MCP6L71RT-E/OT Datasheet HTML 26Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 27Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 28Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 29Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 30Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 31Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 32Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 33Page - Microchip Technology MCP6L71RT-E/OT Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MCP6L71/1R/2/4
DS20002145B-page 30
 2009-2019 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
Contact Pad Length (X14)
Contact Pad Width (X14)
Y
X
1.55
0.60
NOM
C
Contact Pad Spacing
5.40
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
X
Y
C
SILK SCREEN
Microchip Technology Drawing No. C04-2065-SL Rev D
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40