| Zakładka z wyszukiwarką danych komponentów |
|
TLE7272D Arkusz danych(PDF) 2 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7272D Arkusz danych(HTML) 2 Page - Infineon Technologies AG |
|
2 / 20 page ![]() Data Sheet 2 Rev. 1.0a, 2005-02-08 TLE 7272 Reset The Reset pin informs e.g. the microcontroller in case the output voltage has fallen below the lower threshold V RT of typ. 4.65 V. The hysteresis is typically 100mV. Connecting the regulator to a battery voltage at first the reset signal remains LOW. When the output voltage has reached the reset threshold V RT the reset output RO remains still LOW for the reset delay time t rd (typ. 16 ms). Afterwards the reset output turns HIGH. TLE 7272 Overtemperature Shutdown 1 Bandgap Reference Charge Pump Inhibit Reset Generator Q RO 5 2 GND 3 AEB03523.VSD 4 1 Figure 1 Block Diagram |