| Zakładka z wyszukiwarką danych komponentów |
|
ICS9214 Arkusz danych(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9214 Arkusz danych(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 16 page ![]() 3 Integrated Circuit Systems, Inc. ICS9214 0809D—04/07/06 General SMBus serial interface information for the ICS9214 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D8 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D8 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D9 (H) • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Sla ve /Re ce ive r) T WR ACK ACK ACK ACK ACK P Byte N + X - 1 Data Byte Count = X Beginning Byte N stoP bit Index Block Write Operation Slave Address D8(H) Beginning Byte = N WRite starT bit Controlle r (Host) T starT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit ICS (Sla ve /Re ce ive r) Controlle r (Host) ACK ACK Data Byte Count = X ACK Slave Address D9(H) Index Block Read Operation Slave Address D8(H) Beginning Byte = N ACK ACK |