| Zakładka z wyszukiwarką danych komponentów |
|
HLMP-BB11-R0R00 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-BB11-R0R00 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard) |
|
3 / 10 page ![]() 3 Table 2. LED Indicators Device Selection Guide for AlInGaP Color and Luminous Luminous Dominant Intensity, Intensity, Leads Wavelength Iv (mcd) at Iv (mcd) at with Leadframe Package Part Number λd (nm) Typ. 20 mA Min. 20 mA Max. Stand-offs Orientation Drawing HLMP-AG01-K00xx Red 626 310 No Parallel A HLMP-AG11-KN0xx Red 626 310 880 Yes Parallel B HLMP-AL01-K00xx Amber 590 310 No Parallel A HLMP-AL01-LP0xx Amber 590 400 1150 No Parallel A HLMP-AL01-NR0xx Amber 590 680 1900 No Parallel A HLMP-AL11-KN0xx Amber 590 310 880 Yes Parallel B HLMP-AL11-NR0xx Amber 590 680 1900 Yes Parallel B HLMP-BG01-LM0xx Red 626 400 520 No Perpendicular C HLMP-BG01-MN0xx Red 626 520 880 No Perpendicular C HLMP-BG11-KN0xx Red 626 310 880 Yes Perpendicular D HLMP-BL01-NR0xx Amber 590 680 1900 No Perpendicular C HLMP-BL11-KN0xx Amber 590 310 880 Yes Perpendicular D HLMP-BL11-NR0xx Amber 590 680 1900 Yes Perpendicular D Table 3. Device Selection Guide for InGaN Color and Dominant Luminous Intensity, Leads with Leadframe Package Part Number Wavelength λd (nm) Typ. Iv (mcd) at 20 mA Min. Stand-offs Orientation Drawing HLMP-AB01-J00xx Blue 472 240 No Parallel A HLMP-BB11-J00xx Blue 472 240 Yes Perpendicular D HLMP-BB11-K00xx Blue 472 310 Yes Perpendicular D HLMP-BM11-L00xx Green 526 400 Yes Perpendicular D HLMP-BM11-Q00xx Green 526 1150 Yes Perpendicular D HLMP-AB11-J00xx Blue 472 240 Yes Parallel B HLMP-AM01-Q00xx Green 526 1150 No Parallel A HLMP-BB01-J0Bxx Blue 472 240 No Perpendicular C HLMP-BB11-KN0xx Blue 472 310 Yes Perpendicular D HLMP-BM01-L00xx Green 526 400 No Perpendicular C Tolerance for intensity range limit is ±15%. |