Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UT63M147CCC Arkusz danych(PDF) 16 Page - Aeroflex Circuit Technology

Numer części UT63M147CCC
Szczegółowy opis  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AEROFLEX [Aeroflex Circuit Technology]
Strona internetowa  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CCC Arkusz danych(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT63M147CCC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 15Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 16Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 17Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 18Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 19Page - Aeroflex Circuit Technology UT63M147CCC Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Appendix 2 - 16
Figure 15. 24-Lead Flatpack, Dual Cavity
(50-mil lead spacing)
Notes:
1. Package material: opaque ceramic.
2. All package plating finishes are per MIL-PRF-38535.
3. It is recommended that package ceramic be mounted to a heat removal rail located in the
printed circuit board. A thermally conductive material should be used.
.810 MAX.
.600 MAX.
.400 MIN.
LEAD 1 INDICATOR
0.130 MAX.
0.070
±0.010
(AT CERAMIC BODY)
.050
0.016
±.002
.010 + .002 - .001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20