| Zakładka z wyszukiwarką danych komponentów |
|
TFSERIESSNAP Arkusz danych(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TFSERIESSNAP Arkusz danych(HTML) 5 Page - C&K Components |
|
5 / 7 page ![]() J-9 Dimensions are shown: IN (mm) Dimensions subject to change www.ittcannon.com C&K TF Series Miniature Snap-acting Switches ACTUATOR Third Angle Projection FIG. 3 A B C Lever FIG. 5 Wide Pin A C — .635 ± .015 (16,13 ± 0,38) — .80 (20,3) 5 WP0 — .600 ± .150 (15,24 ± 3,81) .54 (13,7) 2.57 (65,3) 3 T26 — .600 ± .070 (15,24 ± 1,78) .54 (13,7) 1.62 (41,1) 3 T25 .19 dia. (4,8Ø) .810 ± .065 (20,57 ± 1,65) .54 (13,7) 1.56 (39,6) 4 T23 .19 dia. (6,4Ø) .730 ± .030 (18,54 ± 0,76) .32 (8,1) 1.29 (32,8) 4 T14 .19 dia. (4,8Ø) .810 ± .030 (20,57 ± 0,76) .32 (8,1) 1.34 (34,0) 4 T13 — .600 ± .050 (15,24 ± 1,27) .54 (13,7) 1.10 (27,9) 3 T20 — .600 ± .080 (15,24 ± 2,03) .32 (8,1) 2.75 (69,9) 3 T18 DIM. D DIM. C DIM. B DIM. A FIG. OPTION CODE J A C B D FIG. 4 Simulated Roller .155 (3,94) .300 (7,62) .062 (1,57) N/A .04 .04 .07 .11 .18 .28 .56 112358 16 N/A .21 .42 .71 1.13 1.41 2.12 3.53 6 1220324060 100 T18 .125 (3,18) .250 (6,35) .045 (1,14) .04 .07 .07 .07 .18 .28 .35 .71 122258 10 20 .18 .28 .53 .78 1.27 1.59 2.47 4.23 5 8 15 22 36 45 70 120 T16 .065 (1,65) .110 (2,59) .030 (0,76) .07 .14 .14 .18 .25 .28 .63 2.82 244578 18 80 .25 .42 1.06 1.41 2.47 2.82 4.41 7.94 7 1230407080 125 225 T15 .060 (1,52) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .28 .35 .71 2.82 24458 10 20 80 .28 .42 1.23 1.76 2.82 3.17 4.76 7.94 8 1235508090 135 225 T14 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .28 .35 .71 2.82 24458 10 20 80 .28 .42 1.06 1.59 2.65 3 4.59 7.94 8 1230457585 130 225 T13 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .63 .71 1.98 3.88 6 101015182056 110 .63 1.06 2.29 3.17 5.11 6.35 7.94 14.11 18 30 65 90 145 180 225 400 T10 .050 (1,27) .047 (1,19) .010 (0,25) .21 .35 .35 .53 .92 1.23 1.98 3.88 6 101015263556 110 .53 .88 1.76 2.65 4.23 5.29 7.94 14.11 15 25 50 75 120 150 225 400 P00 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .14 .21 .35 .71 122246 10 20 .18 .28 56 85 1.48 1.69 2.65 4.41 5 8 16 24 42 48 75 125 A25 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .32 .35 .71 2.82 24459 10 20 80 .28 .42 1.06 1.59 2.82 3 4.59 7.94 8 1230458085 130 225 A15 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .71 .71 1.98 3.88 6 101015202056 110 .63 1.06 2.29 3.17 5.82 6.35 7.94 14.11 18 30 65 90 165 180 225 400 A10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RELEASE FORCE (OZ./GRAMS) CC CD CF CG CH CJ EC EE MAXIMUM OPERATING FORCE (OZ./GRAMS) CC CD CF CG CH CJ EC EE OPTION CODE NOTE: For basic switch operating forces, see page J-6. SWITCH CHARACTERISTICS |