Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7540B Arkusz danych(PDF) 62 Page - STMicroelectronics

Numer części TDA7540B
Szczegółowy opis  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Arkusz danych(HTML) 62 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics TDA7540B Datasheet HTML 61Page - STMicroelectronics TDA7540B Datasheet HTML 62Page - STMicroelectronics TDA7540B Datasheet HTML 63Page - STMicroelectronics TDA7540B Datasheet HTML 64Page - STMicroelectronics TDA7540B Datasheet HTML 65Page - STMicroelectronics TDA7540B Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Software specification
TDA7540B
62/75
Table 49.
Addr 38 Test Stereodecoder Control
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxxxx
0
Only for testing ( have to be set to 1)
Table 50.
Addr39 FM Demodulator Spike Blanker And Stereo Decoder
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xx
0
Spike blanker testing “OFF”
1
Spike blanker testing “ON”
0
Spike blanker window mode: early + late
1
Spike blanker window mode: early - late
0
Spike blanker toggledetector disable
1
Spike blanker toggledetector enable
0
Spike blanker slow attack
1
Spike blanker fast attack
0
Spike blanker S&H mode: ignore restore
1
Spike blanker S&H mode: standard
1
Stereo decoder VCO ON (mandatory in FM mode)
0
Stereo decoder VCO OFF
0
Pilot cancellation mode: always
1
Pilot cancellation mode: if pilot > threshold
0
Stereo decoder VCO set456
1
Stereo decoder VCO free running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75