| Zakładka z wyszukiwarką danych komponentów |
|
74F385 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F385 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 6 page ![]() Philips Semiconductors Product specification 74F385 Quad serial adder/subtractor 1989 Sep 20 2 LOGIC SYMBOL F0 F1 F2 F3 VCC = Pin 20 GND = Pin 10 A0 B0 A1 B1 A2 B2 A3 B3 5 4 6 7 15 14 16 17 CP MR S0 S1 S2 S3 1 11 3 8 13 18 2 9 12 19 SF00929 IEC/IEEE SYMBOL 9 11 19 5 P SF00930 8 6 7 13 15 14 18 16 Q 11 1 2 17 M3 4(3CI/ 3BI) 3CO/ 3BO S /P–Q Z4 2D R 2D 3R 3S 3 4 Z1 C2 FUNCTION TABLE INPUTS CARRY FLIP-FLOP STATE OUTPUTS OPERATING MODE MR S A B Before ↑ After ↑ F MODE L L X X L L L Clear L H X X H H L Clear H L L L L L L Add H L L L H L H Add H L L H L L H Add H L L H H H L Add H L H L L L H Add H L H L H H L H L H H L H L H L H H H H H H H L L L L H Subtract H H L L H H L Subtract H H L H L L L Subtract H H L H H L H Subtract H H H L L H L Subtract H H H L H H H H H H H L L H H H H H H H L H = High voltage level L = Low voltage level X = Don’t care ↑ = Low-to-High Clock transition |