| Zakładka z wyszukiwarką danych komponentów |
|
TSOP132..P10TR Arkusz danych(PDF) 9 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TSOP132..P10TR Arkusz danych(HTML) 9 Page - Vishay Siliconix |
|
9 / 13 page ![]() TSOP132..P10TR, TSOP134..P10TR, TSOP136..P10TR www.vishay.com Vishay Semiconductors Datasheet Values Refer to PCN-OPT-1225-2022-REV-HS1 Rev. 1.3, 28-Sep-2022 9 Document Number: 82872 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 REEL DIMENSIONS in millimeters LEADER AND TRAILER DIMENSIONS in millimeters COVER TAPE PEEL STRENGTH According to DIN EN 60286-3 0.1 N to 1.3 N 300 ± 10 mm/min. 165° to 180° peel angle Drawing-No.: 9.800-5052.V3-4 Issue: 1; 17.12.02 Form of the leave open of the wheel is supplier specific. Dimensions according to IEC EN 60 286-3 Tape width: 24 Technical drawing according to DIN specifications Reel hub 2:1 Ø 20.2 min. 24.4 +3 -0 Trailer Leader no devices min. 200 min. 400 Start End devices 96 11818 no devices |