| Zakładka z wyszukiwarką danych komponentów |
|
74F552 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F552 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 14 page ![]() Philips Semiconductors Product specification 74F552 Octal registered transceiver with parity and flags (3-State) 1991 Jan 02 4 R or S FLAG FUNCTION TABLE INPUTS OUTPUTS OPERATING CEX CPX OEXX FR or FS MODE H X ↑ NC Hold flag L ↑ ↑ H Set flag X X ↑ L Clear flag H = High voltage level L = Low voltage level NC= No change X = Don’t care X = R or S for CPX and CEX XX= AS or BR ↑ = Low-to-High transition ↑ = Not Low-to-High transition PARITY GENERATION FUNCTION TABLE INPUTS OUTPUTS OEBR CPR Number of Highs in the Q outputs of the R register PARITY OPERATING MODE H X X Z Hold flag L L ↑ ↑ 0,2,4,6,8 1,3,5,7 H L Load data H = High voltage level L = Low voltage level X = Don’t care Z = High impedance “off” state ↑ = Low-to-High transition PARITY CHECK FUNCTION TABLE INPUTS OUTPUTS OEAS CPS PARITY Number of Highs in the Q outputs of the R register ERROR OPERATING MODE H L L L L X ↑ ↑ ↑ ↑ X L L H H X 0,2,4,6,8 1,3,5,7 0,2,4,6,8 1,3,5,7 H L H H L Parity check H = High voltage level L = Low voltage level X = Don’t care ↑ = Low-to-High transition |