| Zakładka z wyszukiwarką danych komponentów |
|
EM4022V20WS11 Arkusz danych(PDF) 15 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM4022V20WS11 Arkusz danych(HTML) 15 Page - EM Microelectronic - MARIN SA |
|
15 / 15 page ![]() Copyright 2002, EM Microelectronic-Marin SA 15 www.emmicroelectronic.com EM4022 Ordering Information for samples For other versions or other delivery form, please contact EM Microelectronic-Marin S.A. Please make sure to give complete part number when ordering (without spaces between letters). Part Number Control ROM [hex] Data rate Random Value Protocol Die Form & Thickness Bumping EM internal use only: Old version EM4022 V10 WS11 302 4 Continuous Free-Running Sawn wafer, 11 mils no bumps 010 EM4022 V11 WS11 328 4 4096 Slow down Sawn wafer, 11 mils no bumps 011 EM4022 V12 WS11 32C 4 4096 Switch off Sawn wafer, 11 mils no bumps 012 EM4022 V13 WS11 303 4 Continuous Fast Free-Running Sawn wafer, 11 mils no bumps 013 EM4022 V14 WS11 321 4 1024 Fast Slow down Sawn wafer, 11 mils no bumps 014 EM4022 V15 WS11 325 4 1024 Fast Switch off Sawn wafer, 11 mils no bumps 015 EM4022 V16 WS11 202 64 Continuous Free-Running Sawn wafer, 11 mils no bumps 016 EM4022 V17 WS11 228 64 4096 Slow down Sawn wafer, 11 mils no bumps 017 EM4022 V18 WS11 22C 64 4096 Switch off Sawn wafer, 11 mils no bumps 018 EM4022 V19 WS11 203 64 Continuous Fast Free-Running Sawn wafer, 11 mils no bumps 019 EM4022 V20 WS11 229 64 4096 Fast Slow down Sawn wafer, 11 mils no bumps 020 EM4022 V21 WS11 220 64 4096 Fast Switch off Sawn wafer, 11 mils no bumps 021 EM4022 V%% WS11 custom custom custom Sawn wafer, 11 mils no bumps %%% For ICs to be used in mass production, the customer must define its options with the control ROM bit definition (page 9-10). Using this information, EM Microelectronic-Marin S.A. will define a complete new Part Number for ordering. WARNING : Use of this product is subject to license from British Technology Group (BTG, www.btg-et.com) Product Support Check our Web Site under Products/RF Identification section. Questions can be sent to cid@emmicroelectronic.com © EM Microelectronic-Marin SA, 01/02, Rev. D/414 EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications without notice at any time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date version. |