| Zakładka z wyszukiwarką danych komponentów |
|
EM6620WS27 Arkusz danych(PDF) 13 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6620WS27 Arkusz danych(HTML) 13 Page - EM Microelectronic - MARIN SA |
|
13 / 56 page ![]() R EM6620 Copyright © 2005, EM Microelectronic-Marin SA 13 www.emmicroelectronic.com 6. Input and Output ports The EM6620 has: - one 4-bit input port ( port A ) - one 4-bit input/output port. ( port B ) Pull-up and Pull-down resistors can be added to all this ports with metal and/or register options. 6.1 Ports overview Table 6.1.1 Input and Output ports overview Port Mode Mask(M:) or Register(R:) option Function Bitwise Multi-Function on Ports PA [3:0] Input M: Pull-up M: Pull-down (default) R: Pull(up/down) select R: Debounced or direct input for IRQ request and Counter R: + or - for IRQ-edge and Counter R: Input reset combination -Input -Bit-wise interrupt request -Software test variable conditional jump -PA[3],PA[0] input for the event counter -PA[3] input for the millisecond counter -Port A reset inputs PA[3] 10 bit Event Counter clock start / stop of MSC PA[2] - - PA[1] - - PA[0] 10 bit Event Counter clock - PB [3:0] bit-wise input or output R: CMOS or Nch open drain output R: Pull-down on input R: Pull-up on input -Input or Output -PB[3] for the PWM output -PB[2:0] for the ck[16,12,1] output -Tristate output - PB[0] dynamic input comparator PB[3] PWM output PB[2] ck[1] output PB[1] ck[12] output PB[0] ck[16] output Comp. input |