Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HG4508/024-2Z2C Arkusz danych(PDF) 2 Page - DB Lectro Inc

Numer części HG4508/024-2Z2C
Szczegółowy opis  Automotive Subminiature PCB Twin Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4508/024-2Z2C Arkusz danych(HTML) 2 Page - DB Lectro Inc

  HG4508/024-2Z2C Datasheet HTML 1Page - DB Lectro Inc HG4508/024-2Z2C Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4508
HG4508
2/2
REFERENCE CURVE
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAM (mm)
Power Load Limit
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagram (Bottom View)
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 23ºC.
2.
Maximum make current refers to inrush current of motor load.
3.
Elecreical life obtained at motor load of locked rotor at 20A, 14VDC with operating frequency of 1 ops/sec.
4.
Custom-made services available with operational quantity. Please let us know your special requirements.
5.
Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL:(450)-444-1424 FAX: (450)-444-4714



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com