Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2903B Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części LM2903B
Szczegółowy opis  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Arkusz danych(HTML) 4 Page - STMicroelectronics

  LM2903B Datasheet HTML 1Page - STMicroelectronics LM2903B Datasheet HTML 2Page - STMicroelectronics LM2903B Datasheet HTML 3Page - STMicroelectronics LM2903B Datasheet HTML 4Page - STMicroelectronics LM2903B Datasheet HTML 5Page - STMicroelectronics LM2903B Datasheet HTML 6Page - STMicroelectronics LM2903B Datasheet HTML 7Page - STMicroelectronics LM2903B Datasheet HTML 8Page - STMicroelectronics LM2903B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
2 to 36
V
Vicm
Common-mode input voltage range Tamb = 25 °C
Common-mode input voltage range Tmin ≤ Tamb ≤ Tmax
Vcc- to Vcc+ - 1.5
Vcc- to Vcc+ - 2
T
Operating free-air temperature range
-40 to 125
°C
LM2903B
Maximum ratings
DS13991 - Rev 2
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20