Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

78L05B Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części 78L05B
Szczegółowy opis  Positive voltage regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78L05B Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button 78L05B Datasheet HTML 18Page - STMicroelectronics 78L05B Datasheet HTML 19Page - STMicroelectronics 78L05B Datasheet HTML 20Page - STMicroelectronics 78L05B Datasheet HTML 21Page - STMicroelectronics 78L05B Datasheet HTML 22Page - STMicroelectronics 78L05B Datasheet HTML 23Page - STMicroelectronics 78L05B Datasheet HTML 24Page - STMicroelectronics 78L05B Datasheet HTML 25Page - STMicroelectronics 78L05B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
7.3
TO-92 Ammopak packing information
Figure 19. TO-92 Ammopak tape and reel outline
W
W1
W0
W2
A1
d
D0
H1
H
H0
L
l1
F1 F2
P2
P0
delta H
T2
T1
T
t
F3
H3
0050910S_Rev_U
Table 24. TO-92 Ammopak tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.45
0.47
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1, F2
2.40
2.50
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.5
6.00
6.5
W1
8.50
9.00
9.25
W2
0.50
H
18.50
21
H3
0.5
1
2
H0
15.50
16.00
18.8
H1
25.0
27.0
D0
3.80
4.00
4.20
L78L
TO-92 Ammopak packing information
DS0424 - Rev 28
page 22/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40