| Zakładka z wyszukiwarką danych komponentów |
|
AM68AX Arkusz danych(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX Arkusz danych(HTML) 65 Page - Texas Instruments |
|
65 / 251 page ![]() Table 6-9. WKUP_GPIO0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN WKUP_GPIO0_37 IO General Purpose Input/Output A20 WKUP_GPIO0_38 IO General Purpose Input/Output D20 WKUP_GPIO0_39 IO General Purpose Input/Output C21 WKUP_GPIO0_40 IO General Purpose Input/Output F22 WKUP_GPIO0_41 IO General Purpose Input/Output E23 WKUP_GPIO0_42 IO General Purpose Input/Output E22 WKUP_GPIO0_43 IO General Purpose Input/Output E21 WKUP_GPIO0_44 IO General Purpose Input/Output G22 WKUP_GPIO0_45 IO General Purpose Input/Output F23 WKUP_GPIO0_46 IO General Purpose Input/Output F21 WKUP_GPIO0_47 IO General Purpose Input/Output D22 WKUP_GPIO0_48 IO General Purpose Input/Output D23 WKUP_GPIO0_49 IO General Purpose Input/Output K26 WKUP_GPIO0_50 IO General Purpose Input/Output B21 WKUP_GPIO0_51 IO General Purpose Input/Output B22 WKUP_GPIO0_52 IO General Purpose Input/Output A22 WKUP_GPIO0_53 IO General Purpose Input/Output A21 WKUP_GPIO0_54 IO General Purpose Input/Output B27 WKUP_GPIO0_55 IO General Purpose Input/Output D24 WKUP_GPIO0_56 IO General Purpose Input/Output G27 WKUP_GPIO0_57 IO General Purpose Input/Output J26 WKUP_GPIO0_58 IO General Purpose Input/Output D28 WKUP_GPIO0_59 IO General Purpose Input/Output D27 WKUP_GPIO0_60 IO General Purpose Input/Output E27 WKUP_GPIO0_61 IO General Purpose Input/Output E28 WKUP_GPIO0_62 IO General Purpose Input/Output C22 WKUP_GPIO0_63 IO General Purpose Input/Output H24 WKUP_GPIO0_64 IO General Purpose Input/Output H27 WKUP_GPIO0_65 IO General Purpose Input/Output G24 WKUP_GPIO0_66 IO General Purpose Input/Output G25 WKUP_GPIO0_67 IO General Purpose Input/Output J27 WKUP_GPIO0_68 IO General Purpose Input/Output A23 WKUP_GPIO0_69 IO General Purpose Input/Output B25 WKUP_GPIO0_70 IO General Purpose Input/Output B26 WKUP_GPIO0_71 I General Purpose Input/Output L25 WKUP_GPIO0_72 I General Purpose Input/Output K25 WKUP_GPIO0_73 I General Purpose Input/Output M24 WKUP_GPIO0_74 I General Purpose Input/Output L24 WKUP_GPIO0_75 I General Purpose Input/Output L27 WKUP_GPIO0_76 I General Purpose Input/Output K24 WKUP_GPIO0_77 I General Purpose Input/Output M27 WKUP_GPIO0_78 I General Purpose Input/Output M26 WKUP_GPIO0_79 I General Purpose Input/Output P25 WKUP_GPIO0_80 I General Purpose Input/Output R25 WKUP_GPIO0_81 I General Purpose Input/Output P28 www.ti.com AM68A SPRSP91 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM68A |