| Zakładka z wyszukiwarką danych komponentów |
|
LPS22HH Arkusz danych(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS22HH Arkusz danych(HTML) 36 Page - STMicroelectronics |
|
36 / 59 page ![]() Digital interfaces LPS22HH 36/59 DocID030890 Rev 2 Figure 23. Only MIPI I3CSMactive (INT_DRDY pin connected to VDD_IO) 1. When the slave is MIPI I3CSM only, the I²C slave is always disabled. The address can be assigned using MIPI I3CSM SDR timing. I²C/MIPI I3CSM MIPI I3CSM bus case Dynamic Address Assignment Master resets DA MIPI I3CSM private R/W with and without 7Eh CCC commands Slave event management Error detection and recovery (1) INT_DRDY pin connected to VDD_IO Only MIPI I3CSM active |