| Zakładka z wyszukiwarką danych komponentów |
|
LSM6DSO Arkusz danych(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO Arkusz danych(HTML) 100 Page - STMicroelectronics |
|
100 / 172 page ![]() 11.13 FSM_STATUS_A (13h) Finite State Machine status register (r) Table 197. FSM_STATUS_A register IS_FSM8 IS_FSM7 IS_FSM6 IS_FSM5 IS_FSM4 IS_FSM3 IS_FSM2 IS_FSM1 Table 198. FSM_STATUS_A register description IS_FSM8 Interrupt status bit for FSM8 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM7 Interrupt status bit for FSM7 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM6 Interrupt status bit for FSM6 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM5 Interrupt status bit for FSM5 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM4 Interrupt status bit for FSM4 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM3 Interrupt status bit for FSM3 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM2 Interrupt status bit for FSM2 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM1 Interrupt status bit for FSM1 interrupt event. (1: interrupt detected; 0: no interrupt) LSM6DSO FSM_STATUS_A (13h) DS12140 - Rev 2 page 100/172 |