Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24M01-R Arkusz danych(PDF) 43 Page - STMicroelectronics

Numer części M24M01-R
Szczegółowy opis  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Arkusz danych(HTML) 43 Page - STMicroelectronics

Back Button M24M01-R_V01 Datasheet HTML 39Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 40Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 41Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 42Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 43Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 44Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 45Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 46Page - STMicroelectronics M24M01-R_V01 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
DocID12943 Rev 14
43/47
M24M01-R M24M01-DF
Ordering information
46
Table 22. Ordering information scheme (unsawn wafer)(1)
Example:
M24M01
-
D
F K W 20
I / 90
Device type
M24 = I2C serial access EEPROM
Device function
M01 = 1Mbit (128 K x 8 bit)
Device family
D = With Identification page
Operating voltage
F = VCC = 1.7 V to 5.5 V
Process
K = F8H
Delivery form
W = Unsawn wafer
Wafer thickness
20 = Non-backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40°C to 85°C
1. For all information concerning the M24M01 delivered in unsawn wafer, please contact your nearest ST
Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47