| Zakładka z wyszukiwarką danych komponentów |
|
M95128-R Arkusz danych(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-R Arkusz danych(HTML) 29 Page - STMicroelectronics |
|
29 / 48 page ![]() Table 19. AC characteristics (M95128-W, device grade 6) Test conditions specified in Table 9 V ≥ 2.5V VCC ≥ 4.5V Unit Symbol Alt. Parameter Min. Max. Min. Max. fC fSCK Clock frequency D.C. 10 D.C. 20 MHz tSLCH tCSS1 S active setup time 30 - 15 - ns tSHCH tCSS2 S not active setup time 30 - 15 - ns tSHSL tCS S deselect time 40 - 20 - ns tCHSH tCSH S active hold time 30 - 15 - ns tCHSL - S not active hold time 30 - 15 - ns tCH (1) tCLH Clock high time 40 - 20 - ns tCL (1) tCLL Clock low time 40 - 20 - ns tCLCH (1) tRC Clock rise time - 2 - 2 µs tCHCL (1) tFC Clock fall time - 2 - 2 µs tDVCH tDSU Data in setup time 10 - 5 - ns tCHDX tDH Data in hold time 10 - 10 - ns tHHCH - Clock low hold time after HOLD not active 30 - 15 - ns tHLCH - Clock low hold time after HOLD active 30 - 15 - ns tCLHL - Clock low setup time before HOLD active 0 - 0 - ns tCLHH - Clock low setup time before HOLD not active 0 - 0 - ns tSHQZ (2) tDIS Output disable time - 40 - 20 ns tCLQV tV Clock low to output valid - 40 - 20 ns tCLQX tHO Output hold time 0 - 0 - ns tHHQV tLZ HOLD high to output valid - 40 - 20 ns tHLQZ (2) tHZ HOLD low to output High-Z - 40 - 20 ns tW tWC Write time - 5 - 5 ms 1. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max). 2. Characterized only, not tested in production. M95128-W M95128-R M95128-DF DC and AC parameters DS1356 - Rev 20 page 29/48 |