Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L8150 Arkusz danych(PDF) 28 Page - STMicroelectronics

Numer części L8150
Szczegółowy opis  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Arkusz danych(HTML) 28 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics L8150 Datasheet HTML 29Page - STMicroelectronics L8150 Datasheet HTML 30Page - STMicroelectronics L8150 Datasheet HTML 31Page - STMicroelectronics L8150 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Precharge and hall effects filtering time description
L8150
28/37
for the successive TelMAX/6 and the behaviour is the one described in the startup sequence
with motor stopped.
6.2
Startup sequence with SD signal
●
Let's consider a startup sequence forced by SD, supposing the motor stopped:
Figure 18.
Startup sequence forced by SD, supposing the motor stopped
When the SD signal has a falling edge (corresponding to a VREG signal that's crossing the
lower voltage protection), the logic can produce a ZC signal, depending on FS signal
behaviour induced by Vsp voltage value. In any case, even if no ZC signal is produced, if the
motor is stopped and no Hall effect commutation is detected, the counter reaches its
saturation time TelMAX/6 and the system evolves like in the situation described in previous
startup sequence with motor stopped.
●
Let's consider a startup sequence forced by SD, supposing the motor rotating quickly in
the direction imposed by the FR signal:
Figure 19.
Startup sequence forced by SD, supposing the motor rotating quickly in
the direction imposed by the FR signal
SD
PRECHARGE
ZC
HALL BUS
FILTER
TIME
PHASES
PHASES EXCITED
400 us
400 us
400 us
T∆zc/576
T∆zc
Tel
U
TelMax/6
MOTOR ACCELERATING
400 us
400 us
SD
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
T∆zc/576
Tel
400 us
T∆zc/576
T∆zc/576
T∆zc/576
T∆zc
400 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37