| Zakładka z wyszukiwarką danych komponentów |
|
LD29080S90 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD29080S90 Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 21 page ![]() LD29080 SERIES 3/21 Table 3: Thermal Data Figure 3: Pin Connection (top view) Table 4: Pin Description * Not internally pulled up; in order to assure the operating condition (device in ON mode), it must be connected to a positive voltage higher than 2V. ** Not connect for fixed version. Symbol Parameter DPAK PPAK SOT-223 Unit Rthj-case Thermal Resistance Junction-case 88 15 °C/W Rthj-amb Thermal Resistance Junction-ambient 100 100 °C/W Symbol PPAK DPAK SOT-223 VI 211 GND 322 VO 433 ADJ/N.C.** 5 INHIBIT* 1 PPAK DPAK SOT-223 |