| Zakładka z wyszukiwarką danych komponentów |
|
IRKT92/04AS90 Arkusz danych(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKT92/04AS90 Arkusz danych(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() IRK.71, .91 Series 8 Bulletin I27132 rev. H 10/02 www.irf.com Fig. 17 - On-state Power Loss Characteristics Fig. 18 - On-state Power Loss Characteristics 0 20406080 100 120 140 Maximum Allowable Ambient Temperature (°C) 0.5 K/ W 0.3 K/W 0.2 K/W 1 K/W 2 K/W 0 100 200 300 400 500 600 0 40 80 120 160 200 Total Output Current (A) 180° (Sine) 180° (Rect) 2 x IRK.91.. Series Single Phase Bridge Connected T = 125°C J 0 20 40 60 80 100 120 140 Maximum Allowable Ambient Temperature (°C) 0.5 K/W 1 K/W 0.3 K /W 0.2 K/W R = 0.1 K/W - D elta R 0 100 200 300 400 500 600 700 800 900 0 40 80 120 160 200 240 280 Total Output Current (A) 120° (Rect) 3 x IRK.91.. Series Three Phase Bridge Connected T = 125°C J Fig. 16 - On-state Power Loss Characteristics 0 20 40 60 80 100 120 140 Maximum Allowable Ambient Temperature (°C) 1.5 K/W 3 K/W 1 K/W 0.7 K /W 0.5 K/W 0.3 K/W 0.2 K/W 0 50 100 150 200 250 300 350 0 40 80 120 160 200 240 180° 120° 90° 60° 30° Total RMS Output Current (A) Conduction Angle IRK.91.. Series Per Module T = 125°C J |