| Zakładka z wyszukiwarką danych komponentów |
|
STE2004 Arkusz danych(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004 Arkusz danych(HTML) 43 Page - STMicroelectronics |
|
43 / 66 page ![]() 43/66 STE2004 Table 17. MULTIPLEXING RATIO Table 18. TEMPERATURE COEFFICIENT Table 19. Table 20. CHARGE PUMP MULTIPLICATION FACTOR M[1] M[0] DESCRIPTION RESET STATE 00 49 0 1 65 01 10 33 1 1 Not Allowed T2 T1 T0 DESCRIPTION RESET STATE 0 0 0 VLCD temperature Coefficient 0 0 0 1 VLCD temperature Coefficient 1 0 1 0 VLCD temperature Coefficient 2 0 1 1 VLCD temperature Coefficient 3 000 1 0 0 VLCD temperature Coefficient 4 1 0 1 VLCD temperature Coefficient 5 1 1 0 VLCD temperature Coefficient 6 1 1 1 VLCD temperature Coefficient 7 TC1 TC0 DESCRIPTION RESET STATE 0 0 VLCD temperature Coefficient 0 0 1 VLCD temperature Coefficient 2 00 0 1 VLCD temperature Coefficient 3 1 1 VLCD temperature Coefficient 6 CP2 CP1 CP0 DESCRIPTION RESET STATE 00 0 Multiplication Factor X2 0 0 1 Multiplication Factor X3 0 1 0 Multiplication Factor X4 0 1 1 Multiplication Factor X5 000 10 0 NOT USED 10 1 NOT USED 11 0 NOT USED 11 1 AUTOMATIC |