Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA25C3003GLR Arkusz danych(PDF) 3 Page - CTS Corporation

Numer części CA25C3003GLR
Szczegółowy opis  4UTO3OTIVE GR4DE HC3OS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

CA25C3003GLR Arkusz danych(HTML) 3 Page - CTS Corporation

  CA25C3003GLR Datasheet HTML 1Page - CTS Corporation CA25C3003GLR Datasheet HTML 2Page - CTS Corporation CA25C3003GLR Datasheet HTML 3Page - CTS Corporation CA25C3003GLR Datasheet HTML 4Page - CTS Corporation CA25C3003GLR Datasheet HTML 5Page - CTS Corporation CA25C3003GLR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
odel C 25C
UTO OTIVE GR DE HC OS CLOCK
DOC# 008-0571-0 Rev. C
Page 3 of 6
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Enable Truth Table
Pin
Pin
Pin
Pin 1
1
1
1
Pin
Pin
Pin
Pin 3
3
3
3
Logic ‘1’
Output Enabled
Open
Output Enabled
Logic ‘0’
Output Disabled,
High Impedance
Test Circuit
HC OS
Output Waveform
HC OS
Output Parameters
P R
ETER
P R
ETER
P R
ETER
P R
ETER
SY
BO L
SY
BO L
SY
BO L
SY
BO L
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
IN
IN
IN
IN
TYP
TYP
TYP
TYP
X
X
X
X
UNIT
UNIT
UNIT
UNIT
En ab le Fu n c tio n
En ab le Fu n c tio n
En ab le Fu n c tio n
En ab le Fu n c tio n
Standby
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
VIH
Pin 1 Logic '1', Output Enabled
0.7VCC
-
-
V
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
VIL
Pin 1 Logic '0', Output Standby
-
-
0.3VCC
V
En ab le Cu rren t
En ab le Cu rren t
En ab le Cu rren t
En ab le Cu rren t
ISTB
Pin 1 Logic '0', Output Standby
-
-
10
µ
En ab le Time
En ab le Time
En ab le Time
En ab le Time
TPLZ
Pin 1 Logic '1'
-
-
5
ms
P h ase Jitter, R
S
P h ase Jitter, R
S
P h ase Jitter, R
S
P h ase Jitter, R
S
tjrms
Bandwidth 12 kHz - 20
Hz
-
0.5
<1
ps



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com