Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L491350DIE2S Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części L491350DIE2S
Szczegółowy opis  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L491350DIE2S Arkusz danych(HTML) 3 Page - STMicroelectronics

  L491350DIE2S Datasheet HTML 1Page - STMicroelectronics L491350DIE2S Datasheet HTML 2Page - STMicroelectronics L491350DIE2S Datasheet HTML 3Page - STMicroelectronics L491350DIE2S Datasheet HTML 4Page - STMicroelectronics L491350DIE2S Datasheet HTML 5Page - STMicroelectronics L491350DIE2S Datasheet HTML 6Page - STMicroelectronics L491350DIE2S Datasheet HTML 7Page - STMicroelectronics L491350DIE2S Datasheet HTML 8Page - STMicroelectronics L491350DIE2S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Pin configuration
Figure 3. Pin configuration (top view for FLAT-16P, bottom view for SMD.5)
TO-257
SMD.5
FLAT- 16P
Table 1. Pin description
Pin name
FLAT-16P (1)
SMD.5 (2)
TO-257
VO
1, 2, 6, 7
1
3
VI
3, 4, 5
2
1
GND
13
3
2
ISC
8
OCM
10
INHIBIT
14
SENSE
16
NC
9, 11, 12, 15
1. The upper metallic package lid and the bottom metallization are neither connected to regulator die nor to
package terminals, hence electrically floating.
2. The upper metallic package lid is neither connected to regulator die nor to package terminals, hence
electrically floating.
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Pin configuration
DS3260 - Rev 15
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20