| Zakładka z wyszukiwarką danych komponentów |
|
74HC564 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC564 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 7 page ![]() December 1990 4 Philips Semiconductors Product specification Octal D-type flip-flop; positive-edge trigger; 3-state; inverting 74HC/HCT564 Fig.4 Functional diagram. FUNCTION TABLE Notes 1. H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level l = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition Z = high impedance OFF-state ↑ = LOW-to-HIGH clock transition OPERATING MODES INPUTS INTERNAL FLIP-FLOPS OUTPUTS OE CP Dn Q0 to Q7 load and read register L L ↑ ↑ l h L H H L load register and disable outputs H H ↑ ↑ l h L H Z Z Fig.5 Logic diagram. |