| Zakładka z wyszukiwarką danych komponentów |
|
MCP2518FD Arkusz danych(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2518FD Arkusz danych(HTML) 7 Page - Microchip Technology |
|
7 / 96 page ![]() 2019 Microchip Technology Inc. DS20006027A-page 7 MCP2518FD 3.0 MEMORY ORGANIZATION Figure 3-1 illustrates the main sections of the memory and its address ranges: • MCP2518FD Special Function Registers • CAN FD Controller module SFR • Message Memory (RAM) The SFR are 32-bit wide. The LSB is located at the lower address, for example, the LSB of C1CON is located at address 0x000, while its MSB is located at address 0x003. Table 3-1 lists the MCP2518FD specific registers. The first column contains the address of the SFR. Table 3-2 lists the registers of the CAN FD Controller module. The first column contains the address of the SFR. FIGURE 3-1: MEMORY MAP MSB Address LSB Address Unimplemented (272 BYTE) CAN FD Controller Module SFR (752 BYTE) RAM (2KBYTE) 0x000 0x2EC 0x3FC 0x003 0x2EF 0x2F0 0x2F3 32 bit 0x3FF 0 0 4 X 0 3 0 4 x 0 LSB MSB Unimplemented (512 BYTE) 0xBFF 0xC03 0xDFF 0xE03 0xBFC 0xDFC 0xC00 0xE00 MCP2518FD SFR (24 BYTE) Reserved (488 BYTE) 0xE14 0xFFC 0xE17 0xE18 0xE1B 0xFFF |