Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP6M Arkusz danych(PDF) 3 Page - IDEC Corporation

Numer części AP6M
Szczegółowy opis  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDEC [IDEC Corporation]
Strona internetowa  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP6M Arkusz danych(HTML) 3 Page - IDEC Corporation

  AP6M Datasheet HTML 1Page - IDEC Corporation AP6M Datasheet HTML 2Page - IDEC Corporation AP6M Datasheet HTML 3Page - IDEC Corporation AP6M Datasheet HTML 4Page - IDEC Corporation AP6M Datasheet HTML 5Page - IDEC Corporation AP6M Datasheet HTML 6Page - IDEC Corporation AP6M Datasheet HTML 7Page - IDEC Corporation AP6M Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
33
ø12 AP Series Miniature Pilot Lights
AC Adapter, DC-DC Converter
Unit
Operating Voltage
Part No.
Applicable Pilot Light
Package Quantity
AC Adapter
100/110V AC
AP2-016D
AP6M266➁ (dome: 6V DC)
AP6M166➁ (flat: 6V DC)
1
200/220V AC
AP2-026D
DC-DC Converter
110V DC (90 to 140V DC)
AP2-016DD
Dimensions
1.5
2.2
5.5
21.5
29.5
5.5
11.5
9.5
Panel Thickness 0.8 to 6
Gasket
Dome
Flat
Width 2.8×0.4t
+
58.7
71
18
Terminal Cover: AP-VL3
1.3
Negative Terminal
Positive Terminal
M3 Screw
AC Adapter/DC-DC Converter
Terminal cover is not supplied.
When using terminal covers, order AP-VL3 terminal covers.
With AC Adapter or DC-DC Converter
Panel Cut-out / Mounting Hole Layout
Terminal Arrangement
(Bottom View)
Marking Plate
ø9.4
Positive Terminal
Negative Terminal
+ –
All dimensions in mm.
Engraving depth:
0.5 mm maximum
Marking plate material: White acrylic
ø12.2
+0.2
0
18
(15)
+0.2
ø12.2
0
Note: (15) is the minimum
mounting hole layout
without AC adapter or
flasher unit.
Shape
Operating Voltage
Part No.
Ordering No.
Package Quantity
Lens Color Code
Dome
6V DC ±5%
AP2M266➁
AP2M266➁
1
Specify a lens
color code in
place of ➁ in the
Part No.
A:
amber
G: green
PW: pure white
R: red
Y:
yellow
AP2M266➁PN10
10
12V DC ±10%
AP2M211➁
AP2M211➁
1
AP2M211➁PN10
10
24V DC ±10%
AP2M222➁
AP2M222➁
1
AP2M222➁PN10
10
Flat (marking)
6V DC ±5%
AP2M166➁
AP2M166➁
1
AP2M166➁PN10
10
12V DC ±10%
AP2M111➁
AP2M111➁
1
AP2M111➁PN10
10
24V DC ±10%
AP2M122➁
AP2M122➁
1
AP2M122➁PN10
10
•Degree of protection: IP65 (IEC 60529)
•The LED cannot be replaced.
AP2M Series (ø12)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com