| Zakładka z wyszukiwarką danych komponentów |
|
FD-R34EG Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-R34EG Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 28 page ![]() 143 DigitalFiberSensorFX-300SERIES Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Amplifiers Quick-connection cable is not supplied with the amplifier. Please order it separately. Type Appearance Model No. Emitting element Output Quick-connection cables Type Model No. Length FX-301 Red LED NPN open-collector transistor CN-73-C1 1 m 3.281 ft FX-301P PNP open-collector transistor CN-73-C2 2 m 6.562 ft FX-301B Blue LED NPN open-collector transistor FX-301BP PNP open-collector transistor CN-73-C5 5 m 16.404 ft FX-301G Green LED NPN open-collector transistor FX-301GP PNP open-collector transistor CN-71-C1 1 m 3.281 ft FX-301H Infrared LED NPN open-collector transistor CN-71-C2 2 m 6.562 ft FX-301HP PNP open-collector transistor FX-301-HS Red LED NPN open-collector transistor CN-71-C5 5 m 16.404 ft FX-301P-HS PNP open-collector transistor FX-305 Red LED NPN open-collector transistor CN-74-C1 1 m 3.281 ft CN-74-C2 2 m 6.562 ft CN-74-C5 5 m 16.404 ft FX-305P PNP open-collector transistor CN-72-C1 1 m 3.281 ft CN-72-C2 2 m 6.562 ft CN-72-C5 5 m 16.404 ft ORDER GUIDE |