| Zakładka z wyszukiwarką danych komponentów |
|
L7810CP Arkusz danych(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7810CP Arkusz danych(HTML) 34 Page - STMicroelectronics |
|
34 / 47 page ![]() Typical performance L7800 series 34/47 Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 34. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE Figure 35. Light controllers (VOmin = VXX + VBE) VO rises when the light goes up VO falls when the light goes up |