Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HC705RC16GRS/D Arkusz danych(PDF) 77 Page - NXP Semiconductors

Numer części HC705RC16GRS/D
Szczegółowy opis  The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705RC16GRS/D Arkusz danych(HTML) 77 Page - NXP Semiconductors

Back Button HC705RC16GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705RC16GRS/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Carrier Modulator Transmitter (CMT)
Modulator
MC68HC705RC16 — Rev. 3.0
General Release Specification
Carrier Modulator Transmitter (CMT)
Similarly, to calculate the length of an extended space in FSK mode, use
the equation:
Where:
fcg is the frequency output from the carrier generator. For an
example of extended space operation, see Figure 9-9.
NOTE:
The EXSPC feature can be used to emulate a zero mark event.
Figure 9-9. Extended Space Operation
9.5.3.1 End Of Cycle (EOC) Interrupt
At the end of each cycle (when the counter is reloaded from MBUFF),
the end of cycle (EOC) flag is set. If the interrupt enable bit was
previously set, an interrupt will also be issued to the CPU. The EOC
interrupt provides a means for the user to reload new mark/space values
into the MBUFF and SBUFF registers. As the EOC interrupt is coincident
with reloading the counter, MBUFF does not require additional buffering
and may be updated with a new value for the next period from within the
EOC interrupt service routine (ISR). To allow both mark and space
period values to be updated from within the same ISR, SREG is buffered
by SBUFF. The contents written to SBUFF are transferred to the active
register SREG at the end of every cycle regardless of the state of the
EOC flag. The EOC flag is cleared by a read of the modulator control and
status register (MCSR) followed by an access of MDR2 or MDR3. The
EOC flag must be cleared within the ISR to prevent another interrupt
being generated after exiting the ISR. If the EOC interrupt is not being
used (IE = 0), the EOC flag need not be cleared.
((SBUFF1)+(MBUFF2+1+SBUFF2)+... (MBUFFn+1+SBUFFn))
fcg
texspace =
secs
SET EXSPC
CLEAR EXSPC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More