Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CM12-R0DDD Arkusz danych(PDF) 7 Page - Agilent(Hewlett-Packard)

Numer części HLMP-CM12-R0DDD
Szczegółowy opis  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CM12-R0DDD Arkusz danych(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-CM12-R0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CM12-R0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 6. Spatial radiation pattern for Cx11 and Cx12.
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
Figure 7. Spatial radiation pattern for Cx26 and Cx27.
Figure 8. Spatial radiation pattern for Cx36 and Cx37.
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com