| Zakładka z wyszukiwarką danych komponentów |
|
LPC2888 Arkusz danych(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2888 Arkusz danych(HTML) 23 Page - NXP Semiconductors |
|
23 / 34 page ![]() LPC2880_LPC2888_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Preliminary data sheet Rev. 01 — 22 June 2006 23 of 34 Philips Semiconductors LPC2880; LPC2888 16/32-bit ARM microcontrollers with external memory interface • Supports polling the busy flag from the LCD controller to avoid CPU polling. • Contains a 16 B FIFO for sending control and data information to the LCD controller. • Contains a serial interface which uses the same FIFO for serial transmissions. • Supports FIFO level flow control to the General Purpose DMA controller. 6.20 Clocking and power control Clocking in the LPC2880/LPC2888 is controlled by a versatile Clock Generation Unit (CGU), so that system and peripheral requirements may be met, while allowing optimization of power consumption. Clocks to most functions may be turned off if not needed, and may be enabled and disabled by selected events through the Event Router. Clock sources include a high frequency (1 MHz to 20 MHz) crystal oscillator and a 32 kHz RTC oscillator. Higher frequency clocks may be generated through the use of two programmable PLLs. Reset of individual functional blocks is also controlled by the CGU. Full chip reset can be initiated by the external reset pin or by the watchdog timer. 6.20.1 Features • Power and performance control provided by versatile clock generation to individual functional blocks. • Multiple clock sources including external crystal and programmable PLLs. • Watchdog timer to monitor software integrity. • Individual control of software reset to many functional blocks. • Lower speed peripherals are connected to an APB bus for lower power consumption. 6.20.2 Reset The LPC2880/LPC2888 has two sources of reset: the RESET_N pin and the watchdog reset. The RESET pin includes an on-chip pull-up. The RESET_N pin must remain asserted at power-up for 1 ms after power supply voltages are stable. This includes on-chip DC-to-DC converter voltages. When a chip reset is removed, the processor begins executing at address 0, which is the Reset vector. At that point, all of the processor and peripheral registers have been initialized to predetermined values. The on-chip watchdog timer can cause a chip reset if not updated within a user programmable amount of time. A status register allows software to determine if a chip reset was caused by the watchdog timer. The watchdog timer can also be configured to generate an interrupt if desired. Software reset of many individual functional blocks may be performed via registers within the CGU. 6.20.3 Crystal oscillator The main oscillator is the basis for the clocks most chip functions use by default. The oscillator may be used with crystal frequencies from 1 MHz to 20 MHz. |