| Zakładka z wyszukiwarką danych komponentów |
|
REF191 Arkusz danych(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF191 Arkusz danych(HTML) 23 Page - Analog Devices |
|
23 / 24 page ![]() REV. E REF19x Series –23– OUTLINE DIMENSIONS 8-Lead Plastic DIP (P Suffix) (N-8) Dimensions shown in inches and (millimeters) 8 14 5 0.430 (10.92) 0.348 (8.84) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 8-Lead Narrow Body SOIC (S Suffix) (SOIC-8) Dimensions shown in inches and (millimeters) 0.1968 (5.00) 0.1890 (4.80) 8 5 4 1 0.2440 (6.20) 0.2284 (5.80) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.0688 (1.75) 0.0532 (1.35) SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 0 0.0196 (0.50) 0.0099 (0.25) x 45 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 8-Lead TSSOP (RU Suffix) (RU-8) Dimensions shown in inches and (millimeters) 8 5 4 1 0.122 (3.10) 0.114 (2.90) PIN 1 0.0256 (0.65) BSC SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 0 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |