Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PJHMIPROP2016 Arkusz danych(PDF) 1 Page - Hammond Manufacturing Ltd.

Numer części PJHMIPROP2016
Szczegółowy opis  Polycarbonate HMI Hinged Cover Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJHMIPROP2016 Arkusz danych(HTML) 1 Page - Hammond Manufacturing Ltd.

  PJHMIPROP2016 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PJHMIPROP2016 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5/1/22, 5:41 AM
Polycarbonate HMI Hinged Cover Kits (PJHMI Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/accessories/pjhmi
1/2
HMI Cover Prop Arm
Polycarbonate HMI Hinged Cover Kits PJHMI Series
Features
Provides protection for instruments or electronics requiring routine attention or detail.
Available in light gray solid opaque or polycarbonate thermoplastic clear covers.
Cover Latching Options - hinged screw cover, tamper proof screw cover, and snap latch
with pad lock feature.
Listed UL component for use with enclosures rated Types 1, 3, 3R, 4, 4X, 12 or 13.
CSA listed Type 1, 3, 3R, 4, 4X, 12 or 13.
316 stainless steel hinge pin.
UV stabilized for outdoor use.
Formed-In-Place (FIP) polyurethane gasket in continuous channel.
Designed for use with wall thicknesses from 16 gauge through 1/4"
#10-32 threaded brass inserts with plated steel mounting fasteners.
Service temperature -31°F (-35°C) to 266°F (130°C)
Accessories
Frame Size Dimensions
Viewing Area
Clear Cover
Opaque Cover
Optional Prop Arm
Closure Style
H
W
D
H
W
PJHMI66CCH
PJHMI66H
PJHMIPROP66
Screw Cover
6.50
6.72
2.27
4.47
4.69
PJHMI66CCHTP
PJHMI66HTP
PJHMIPROP66
Tamperproof Screw Cover
6.50
6.72
2.27
4.47
4.69
PJHMI66CCL
PJHMI66L
PJHMIPROP66
Snap Latch Cover
6.50
6.72
2.27
4.47
4.69
PJHMI86CCH
PJHMI86H
PJHMIPROP86
Screw Cover
8.50
6.72
2.27
6.47
4.69
PJHMI86CCHTP
PJHMI86HTP
PJHMIPROP86
Tamperproof Screw Cover
8.50
6.72
2.27
6.47
4.69
PJHMI86CCL
PJHMI86L
PJHMIPROP86
Snap Latch Cover
8.50
6.72
2.27
6.47
4.69
Quality Products. Service Excellence.


Podobny numer części - PJHMIPROP2016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Potens Semiconductor Co...
PJH08N60D POTENS-PJH08N60D Datasheet
1Mb / 6P
600V N-Channel MOSFETs
Ver.1.00
PJH08N65N POTENS-PJH08N65N Datasheet
1Mb / 6P
650V N-Channel MOSFETs
Ver.1.00
PJH14N65N POTENS-PJH14N65N Datasheet
916Kb / 5P
650V N-Channel MOSFETs
Ver.1.01
PJH15N60D POTENS-PJH15N60D Datasheet
1Mb / 6P
600V N-Channel MOSFETs
Ver.1.00
PJH17N80N POTENS-PJH17N80N Datasheet
952Kb / 5P
800V N-Channel MOSFETs
Ver.1.00
More results

Podobny opis - PJHMIPROP2016

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
1481WDH1418 HAMMOND-1481WDH1418 Datasheet
106Kb / 2P
Deep Hinged Window kits 1481WDH Series
logo
Molex Electronics Ltd.
130112-0172 MOLEX11-130112-0172 Datasheet
30Kb / 1P
Clear Polycarbonate Guard with Bottom Cover
1301120172 MOLEX11-1301120172 Datasheet
30Kb / 1P
Clear Polycarbonate Guard with Bottom Cover
logo
FIBOX Enclosing innovat...
4810000 FIBOX-4810000 Datasheet
159Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810001 FIBOX-4810001 Datasheet
237Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810002 FIBOX-4810002 Datasheet
171Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4811000 FIBOX-4811000 Datasheet
235Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
4811001 FIBOX-4811001 Datasheet
241Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
4811002 FIBOX-4811002 Datasheet
177Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
logo
CamdenBoss Ltd.
CHDX8 CAMDENBOSS-CHDX8 Datasheet
769Kb / 6P
X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com