Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A6SERIES Arkusz danych(PDF) 13 Page - IDEC Corporation

Numer części A6SERIES
Szczegółowy opis  A6 SeriesMiniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDEC [IDEC Corporation]
Strona internetowa  https://us.idec.com/
Logo IDEC - IDEC Corporation

A6SERIES Arkusz danych(HTML) 13 Page - IDEC Corporation

Back Button A6SERIES Datasheet HTML 6Page - IDEC Corporation A6SERIES Datasheet HTML 7Page - IDEC Corporation A6SERIES Datasheet HTML 8Page - IDEC Corporation A6SERIES Datasheet HTML 9Page - IDEC Corporation A6SERIES Datasheet HTML 10Page - IDEC Corporation A6SERIES Datasheet HTML 11Page - IDEC Corporation A6SERIES Datasheet HTML 12Page - IDEC Corporation A6SERIES Datasheet HTML 13Page - IDEC Corporation A6SERIES Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
553
800-262-IDEC (4332) USA & Canada
ø16mm - A6 Series
Switches & Pilot Devices
1705151131
Switch Guard, Ø 5/8” (16mm)
Rubber Gasket
(90°/110° opening type)
(180° opening type)
Rubber Gasket
34
14
28
32
Panel Thickness
0.5 to 5
Panel Thickness
0.5 to 5
R22
14
28
24
25 minimum
19 minimum
18
Panel Thickness
0.5 to 5
Rubber
Gasket
Waterproof Gasket
for Switch Guard
34
14
28
R22
24
25 min.
19 min.
18
0.4
Flush Bezel
Flush Bezel with Switch
Round
ø18
24
30
ø18
0.9
0.8
9.8
2
8.5
2
8.5
2
9.3
Mounting
Bracket
Gasket
Flush
Bezel
Metal
Plastic
29
8
1
Panel Thickness 0.5 to 5
2
43
9
Panel Thickness 0.5 to 5
2
Square
Selector Switches
Illuminated &
Non-illuminated
2
8.5
Key
2
18.1
Lever
2
17
Rectangular
Flush Bezel Mounting Hole Layout
Round
Square
Rectangular
24 min.∗
24 min.∗
30 min.∗
20.2 –0.1
+0.2
26.2 –0.1
+0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com