Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC5434 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SC5434
Szczegółowy opis  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5434 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SC5434 Datasheet HTML 1Page - Renesas Technology Corp 2SC5434 Datasheet HTML 2Page - Renesas Technology Corp 2SC5434 Datasheet HTML 3Page - Renesas Technology Corp 2SC5434 Datasheet HTML 4Page - Renesas Technology Corp 2SC5434 Datasheet HTML 5Page - Renesas Technology Corp 2SC5434 Datasheet HTML 6Page - Renesas Technology Corp 2SC5434 Datasheet HTML 7Page - Renesas Technology Corp 2SC5434 Datasheet HTML 8Page - Renesas Technology Corp 2SC5434 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet PU10102EJ01V0DS
2
2SC5434
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
–
–
1 000
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
–
–
1 000
nA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 5 mA
80
–
145
–
Gain Bandwidth Product
fT
VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
8.0
–
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
7.5
–
dB
Noise Figure
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
–
1.9
3.2
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0 mA, f = 1 MHz
–
0.3
0.7
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
EB
FB
Marking
TH
TJ
hFE Value
80 to 110
100 to 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12