Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C5NPARCH-RM/D Arkusz danych(PDF) 14 Page - NXP Semiconductors

Numer części C5NPARCH-RM/D
Szczegółowy opis  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Arkusz danych(HTML) 14 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 10Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 11Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 12Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 13Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 14Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 15Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 16Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 17Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
14
ABOUT THIS GUIDE
C3EN
Data Sheet Classifications
Table 1 describes the Data Sheet classifications of Advance, Preliminary, and Production.
Using PDF Documents
Electronic documents are provided as PDF files. Open and view them using the Adobe®
Acrobat® Reader application, version 3.0 or later. If necessary, download the Acrobat
Reader from the Adobe Systems, Inc. web site:
http://www.adobe.com/prodindex/acrobat/readstep.html
PDF files offer several ways for moving among the document’s pages, as follows:
• To move quickly from section to section within the document, use the Acrobat
bookmarks that appear on the left side of the Acrobat Reader window. The bookmarks
provide an expandable outline view of the document’s contents. To display the
document’s Acrobat bookmarks, press the “Display both bookmarks and page” button
on the Acrobat Reader tool bar.
• To move to the referenced page of an entry in the document’s Contents or Index, click
on the entry itself, each of which is hyperlinked.
• To follow a cross-reference to a heading, figure, or table, click the blue text.
Table 1 Data Sheet Classifications
CLASSIFICATION
DESCRIPTION
Advance
Information
Used to advise customers of the proposed addition to the product line. This
document will typically contain some useful information including
interfacing with the user’s system and some specifications. The goal of this
document is to allow customers to begin designs but with expectation of
changes. Specification details may be changed later without notice.
Preliminary
Information
Describes pre-production or first production devices and is usually indicative
of production stage performance. Minor changes should be expected as
characteristic spreads become better controlled. Specification details may be
changed slightly without notice, but the customer can design their product
based on this data sheet.
Production Data
Defines the long-term specified production limits based on fully
characterized data. It includes a disclaimer to allow improvements in
specifications and modifications that do not affect form, fit or function in
original applications; if absolute maximum ratings are changed, they should
improve rather than downgrade.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More