Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5KP12CE3 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 5KP12CE3
Szczegółowy opis  5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP12CE3 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  5KP12CE3 Datasheet HTML 1Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 2Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 3Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 4Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 5Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 6Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 7Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 8Page - Microsemi Corporation 5KP12CE3 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF01010-1, Rev. A (9/13/13)
©2013 Microsemi Corporation
Page 2 of 10
5KP5.0e3 – 5KP250CAe3
MAXIMUM RATINGS @ 25 ºC unless otherwise noted
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and
TSTG
-55 to +175
oC
Thermal Resistance, Junction to Lead @ 0.375 inch
(9.5 mm) lead length from body
RӨJL
8.0
oC/W
Thermal Resistance, Junction to Ambient
RӨJA
40
oC/W
Peak Pulse Power Dissipation
10/1000
µs
P PP
5000
W
Rated Average Power Dissipation @ TL = 75 ºC
0.375 inch (9.5 mm) from body
(1)
P M(AV)
8.0
W
Surge Peak Forward Current
(2)
IFSM
500
A
Solder Temperature @ 10 s
260
oC
Notes: 1. When mounted as shown in Figure 5
2. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
MECHANICAL and PACKAGING
• CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0
• TERMINALS: RoHS compliant annealed matte-tin plating. Solderable per MIL-STD-750, method 2026.
• MARKING: Manufacturer, date code, part number, polarity and tolerance suffixes
• POLARITY: For unidirectional types the color band denotes the cathode, which is positive with respect to the anode under normal
TVS operation.
• TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number). Consult factory for quantities.
• WEIGHT: Approximately 2.1 grams
• See Package Dimensions on last page.
PART NOMENCLATURE
5K
P
5.0
C
A
e3
5 Kilowatt Rating
Encapsulated Plastic
Package
Stand-off Voltage Rating
(see Electrical Characteristics
table)
RoHS Compliant
Voltage Tolerance
A = 5% tolerance level
Blank = 10% tolerance
Polarity
C = Bidirectional
Blank = Unidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com