| Zakładka z wyszukiwarką danych komponentów |
|
DS96F174MJ/883 Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F174MJ/883 Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 11 page ![]() Absolute Maximum Ratings COMMERCIAL(Note 2) Specifications for the 883 version of this product are listed separately on the following pages. Storage Temperature Range (T STG) −65˚C to +175˚C Lead Temperature (Soldering, 60 sec.) 300˚C Maximum Package Power Dissipation (Note 1) at 25˚C Ceramic DIP (J) 1500 mW Supply Voltage 7.0V Enable Input Voltage 5.5V Recommended Operating Conditions Min Typ Max Units Supply Voltage (V CC) DS96F174C 4.75 5.0 5.25 V Common Mode −7.0 +12.0 V Output Voltage (V OC) Output Current HIGH (I OH) −60 mA Output Current LOW (I OL) 60 mA Operating Temperature (T A) DS96F174C 0 +70 ˚C Note 1: Derate “J” package 10 mW/˚C above 25˚C. Electrical Characteristics (Notes 3, 4) Over recommended supply voltage and operating temperature range, unless otherwise specified Symbol Parameter Conditions Min Typ Max Units (Note 2) V IH Input Voltage HIGH 2.0 V V IL Input Voltage LOW T A = 0˚C to +70˚C 0.8 V T A = −55˚C to +125˚C 0.7 V OH Output Voltage HIGH I OH = −33 mA T A = 0˚C to +70˚C 3.0 V V OL Output Voltage LOW I OL =33mA T A = 0˚C to +70˚C 2.0 V V IC Input Clamp Voltage I I = −18 mA −1.5 V |V OD1| Differential Output Voltage I O = 0 mA 6.0 V |V OD2| Differential Output Voltage R L =54 Ω, Figure 1 T A = −55˚C 1.2 2.0 V 1.5 R L = 100 Ω, Figure 1 2.0 2.3 V OD Differential Output Voltage Figure 2 T A = 0˚C to +70˚C 1.0 V ∆|V OD| Change in Magnitude of Differential R L =54 Ω or 100Ω, −40˚C to +125˚C ±0.2 V Output Voltage (Note 5) Figure 1 −55˚C to +125˚C ±0.4 V OC Common Mode Output Voltage (Note 6) R L =54 Ω or 100Ω, Figure 1 3.0 V ∆|V OC| Change in Magnitude of Common R L =54 Ω or 100Ω, Figure 1 ±0.2 V Mode Output Voltage (Note 5) I O Output Current with Power Off V CC = 0V, VO = −7.0V to +12V ±50 µA I OZ High Impedance State Output Current V O = −7.0V to +12V ±20 ±50 µA I IH Input Current HIGH V I = 2.4V 20 µA I IL Input Current LOW V I = 0.4V −50 µA I OS Short Circuit Output Current V O = −7.0V −250 (Note 7) V O = 0V −150 mA V O =VCC 150 V O = +12V 250 I CC Supply Current (All Drivers) No Load Outputs Enabled 50 mA I CCX Outputs Disabled 30 www.national.com 2 |