Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDLL4100-1 Arkusz danych(PDF) 4 Page - Microsemi Corporation

Numer części CDLL4100-1
Szczegółowy opis  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4100-1 Arkusz danych(HTML) 4 Page - Microsemi Corporation

  CDLL4100-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 4 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
ELECTRICAL CHARACTERISTICS @ 25
°C unless otherwise stated
INDUSTRY
PART NUMBER
(Note 1)
MICROSEMI
PART NUMBER
(Note 1)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT
(Note 3)
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
NOISE
DENSITY
ND @ IZT
MAXIMUM
ZENER
CURRENT
IZM
MAXIMUM
TEMP.COEFF.
OF ZENER
VOLTAGE
α
VZ
Volts
µA
Ohms
µA
Volts
µV/√Hz
mA
%/
oC
1N4614UR-1
1N4615UR-1
1N4616UR-1
CDLL4614-1
CDLL4615-1
CDLL4616-1
1.8
2.0
2.2
250
250
250
1200
1250
1300
3.5
2.5
2.0
1.0
1.0
1.0
1
1
1
120.0
110.0
100.0
-0.075
-0.075
-0.075
1N4617UR-1
1N4618UR-1
1N4619UR-1
1N4620UR-1
CDLL4617-1
CDLL4618-1
CDLL4619-1
CDLL4620-1
2.4
2.7
3.0
3.3
250
250
250
250
1400
1500
1600
1650
1.0
0.5
0.4
3.5
1.0
1.0
1.0
1.5
1
1
1
1
95.0
90.0
87.0
85.0
-0.075
-0.075
-0.075
-0.075
1N4621UR-1
1N4622UR-1
1N4623UR-1
1N4624UR-1
CDLL4621-1
CDLL4622-1
CDLL4623-1
CDLL4624-1
3.6
3.9
4.3
4.7
250
250
250
250
1700
1650
1600
1550
3.5
2.5
2.0
5.0
2.0
2.0
2.0
3.0
1
1
1
1
83.0
80.0
77.0
75.0
-0.065
-0.060
-0.050
-0.050,+0.020
1N4625UR-1
1N4626UR-1
1N4627UR-1
1N4099UR-1
CDLL4625-1
CDLL4626-1
CDLL4627-1
CDLL4099-1
5.1
5.6
6.2
6.8
250
250
250
250
1500
1400
1200
200
5.0
5.0
5.0
1.0
3.0
4.0
5.0
5.2
2
4
5
40
70.0
65.0
61.0
56.0
-0.045,+0.030
-0.020,+0.040
-0.010,+0.050
+0.060
1N4100UR-1
1N4101UR-1
1N4102UR-1
1N4103UR-1
CDLL4100-1
CDLL4101-1
CDLL4102-1
CDLL4103-1
7.5
8.2
8.7
9.1
250
250
250
250
200
200
200
200
1.0
0.5
0.5
0.5
5.7
6.3
6.7
7.0
40
40
40
40
51.0
46.0
44.0
42.0
+0.065
+0.070
+0.075
+0.080
1N4104UR-1
1N4105UR-1
1N4106UR-1
1N4107UR-1
CDLL4104-1
CDLL4105-1
CDLL4106-1
CDLL4107-1
10.0
11.0
12.0
13.0
250
250
250
250
200
200
200
200
0.5
0.05
0.05
0.05
7.6
8.5
9.2
9.9
40
40
40
40
38.0
35.0
32.0
29.0
+0.080
+0.080
+0.080
+0.080
1N4108UR-1
1N4109UR-1
1N4110UR-1
1N4111UR-1
CDLL4108-1
CDLL4109-1
CDLL4110-1
CDLL4111-1
14.0
15.0
16.0
17.0
250
250
250
250
200
100
100
100
0.05
0.05
0.05
0.05
10.7
11.4
12.2
13.0
40
40
40
40
27.0
25.0
24.0
22.0
+0.085
+0.085
+0.085
+0.090
1N4112UR-1
1N4113UR-1
1N4114UR-1
1N4115UR-1
CDLL4112-1
CDLL4113-1
CDLL4114-1
CDLL4115-1
18.0
19.0
20.0
22.0
250
250
250
250
100
150
150
150
0.05
0.05
0.01
0.01
13.7
14.5
15.2
16.8
40
40
40
40
21.0
20.0
19.0
17.0
+0.090
+0.090
+0.090
+0.090
1N4116UR-1
1N4117UR-1
1N4118UR-1
1N4119UR-1
CDLL4116-1
CDLL4117-1
CDLL4118-1
CDLL4119-1
24.0
25.0
27.0
28.0
250
250
250
250
150
150
150
200
0.01
0.01
0.01
0.01
18.3
19.0
20.5
21.3
40
40
40
40
16.0
15.0
14.0
14.0
+0.090
+0.090
+0.090
+0.095
1N4120UR-1
1N4121UR-1
1N4122UR-1
1N4123UR-1
CDLL4120-1
CDLL4121-1
CDLL4122-1
CDLL4123-1
30.0
33.0
36.0
39.0
250
250
250
250
200
200
200
200
0.01
0.01
0.01
0.01
22.8
25.1
27.4
29.7
40
40
40
40
13.0
12.0
11.0
9.8
+0.095
+0.095
+0.095
+0.095
1N4124UR-1
1N4125UR-1
1N4126UR-1
1N4127UR-1
CDLL4124-1
CDLL4125-1
CDLL4126-1
CDLL4127-1
43.0
47.0
51.0
56.0
250
250
250
250
250
250
300
300
0.01
0.01
0.01
0.01
32.7
35.8
38.8
42.6
40
40
40
40
8.9
8.1
7.5
6.7
+0.095
+0.095
+0.100
+0.100
1N4128UR-1
1N4129UR-1
1N4130UR-1
1N4131UR-1
CDLL4128-1
CDLL4129-1
CDLL4130-1
CDLL4131-1
60.0
62.0
68.0
75.0
250
250
250
250
400
500
700
700
0.01
0.01
0.01
0.01
45.6
47.1
51.7
57.0
40
40
40
40
6.4
6.1
5.6
5.1
+0.100
+0.100
+0.100
+0.100
1N4132UR-1
1N4133UR-1
1N4134UR-1
1N4135UR-1
CDLL4132-1
CDLL4133-1
CDLL4134-1
CDLL4135-1
82.0
87.0
91.0
100.0
250
250
250
250
800
1000
1200
1600
0.01
0.01
0.01
0.01
62.4
66.2
69.2
76.0
40
40
40
40
4.6
4.4
4.2
3.8
+0.100
+0.100
+0.100
+0.100
SEE NOTES ON NEXT PAGE.



Html Pages

1 2 3 4 5 6