| Zakładka z wyszukiwarką danych komponentów |
|
831742I Arkusz danych(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
831742I Arkusz danych(HTML) 14 Page - Renesas Technology Corp |
|
14 / 21 page ![]() 14 ©2021 Renesas Electronics Corporation R31DS0073EU0200 July 30, 2021 831742I Datasheet For PCI Express Gen 3, one transfer function is defined and the evaluation is performed over the entire spectrum. The transfer function parameters are different from Gen 1 and the jitter result is reported in RMS. PCIe Gen 3 Magnitude of Transfer Function For a more thorough overview of PCI Express jitter analysis methodology, please refer to IDT Application Note PCI Express Reference Clock Requirements. |