| Zakładka z wyszukiwarką danych komponentów |
|
STM32U595AI Arkusz danych(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI Arkusz danych(HTML) 52 Page - STMicroelectronics |
|
52 / 377 page ![]() Functional overview STM32U59xxx 52/377 DS13633 Rev 1 3.14.1 LPGPIO TrustZone security Each I/O pin registers bit of the LPGPIO is configured as secure if the corresponding I/O is configured as secure in the GPIO. 3.15 Multi-AHB bus matrix A 32-bit multi-AHB bus matrix interconnects all the master (CPU, DMA2D, GFXMMU, GPDMA1, GPU2D, LTDC, OTG_HS, SDMMC1, SDMMC2) and the slave (flash memory, FMC, HSPI, OCTOSPIs, SRAMs, AHB and APB) peripherals. It also ensures a seamless and efficient operation even when several high-speed peripherals work simultaneously. Another multi-AHB bus matrix interconnects two masters (previous AHB bus matrix slave port and LPDMA1) and all slaves that are functional in Stop 2 modes (SRAM4 and AHB/APB peripherals functional in Stop 2 mode). 3.16 System configuration controller (SYSCFG) The STM32U59xxx devices feature a set of configuration registers. The main purposes of the system configuration controller are the following: • Managing robustness feature • Configuring FPU interrupts • Enabling/disabling the FMP high-drive mode of some I/Os and voltage booster for I/Os analog switches • Managing the I/O compensation cell • Configuring register security access • Configuring the OTG_HS PHY • Adjust the HSPI supply capacitance • Disable internal SRAMs cacheability by DCACHE2 3.17 General purpose direct memory access controller (GPDMA) The general purpose direct memory access (GPDMA) controller is a bus master and system peripheral. The GPDMA is used to perform programmable data transfers between memory-mapped peripherals and/or memories via linked-lists, upon the control of an off-loaded CPU. The GPDMA main features are: • Dual bidirectional AHB master • Memory-mapped data transfers from a source to a destination: – Peripheral-to-memory – Memory-to-peripheral – Memory-to-memory – Peripheral-to-peripheral • Autonomous data transfers during Sleep and Stop modes |