| Zakładka z wyszukiwarką danych komponentów |
|
STM8AF/P6348 Arkusz danych(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P6348 Arkusz danych(HTML) 55 Page - STMicroelectronics |
|
55 / 95 page ![]() DS12343 Rev 2 55/95 STM8AF6366 Electrical characteristics 93 Current consumption for on-chip peripherals Table 24. Total current consumption in Halt and Active-halt modes. General conditions for VDD apply, TA = −40 to 55 °C Symbol Parameter Conditions Typ Max Unit Main voltage regulator (MVR)(1) Flash mode(2) Clock source and specific temperature condition IDD(H) Supply current in Halt mode Off Power- down Clocks stopped 105 135(3) µA Clocks stopped, TA = 25 °C 105 125 IDD(AH) Supply current in Active-halt mode with regulator on On Power- down Ext. clock 16 MHz fMASTER = 125 kHz 870 1000(3) LSI clock 128 kHz 250 330(3) Supply current in Active-halt mode with regulator off Off Power- down LSI clock 128 kHz 125 142(3) LSI clock 128 kHz, TA = 25 °C 125 130 tWU(AH) Wakeup time from Active- halt mode with regulator on On Operating mode TA = -40 to 150 °C 10 30(3) µs Wakeup time from Active- halt mode with regulator off Off 50 80(3) 1. Configured by the REGAH bit in the CLK_ICKR register. 2. Configured by the AHALT bit in the FLASH_CR1 register. 3. Guaranteed by characterization results. Table 25. Oscillator current consumption Symbol Parameter Conditions Typ Max(1) 1. During startup, the oscillator current consumption may reach 6 mA. Unit IDD(OSC) HSE oscillator current consumption(2) 2. The supply current of the oscillator can be further optimized by selecting a high quality resonator with small Rm value. Refer to crystal manufacturer for more details Quartz or ceramic resonator, CL = 33 pF VDD = 5 V fOSC = 24 MHz 1 2.0(3) 3. Informative data. mA fOSC = 16 MHz 0.6 - fOSC = 8 MHz 0.57 - Quartz or ceramic resonator, CL = 33 pF VDD = 3.3 V fOSC = 24 MHz 0.5 1.0(3) fOSC = 16 MHz 0.25 - fOSC = 8 MHz 0.18 - |