Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32U545NET6QTR Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części STM32U545NET6QTR
Szczegółowy opis  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 17Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 18Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 19Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 20Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 21Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 22Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 23Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 24Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 283 page
background image
DS14216 Rev 1
21/283
STM32U545xx
Functional overview
88
•
Close to zero wait-states instructions/data access performance:
–
0 wait-state on cache hit
–
Hit-under-miss capability, allowing to serve new processor requests while a line
refill (due to a previous cache miss) is still ongoing
–
Critical-word-first refill policy, minimizing processor stalls on cache miss
–
Hit ratio improved by two-ways set-associative architecture and pLRU-t
replacement policy (pseudo-least-recently-used, based on binary tree), algorithm
with best complexity/performance balance
–
Dual master ports allowing to decouple internal and external memory traffics, on
fast and slow buses, respectively; also minimizing impact on interrupt latency
–
Optimal cache line refill thanks to AHB burst transactions (of the cache line size)
–
Performance monitoring by means of a hit counter and a miss counter
•
Extension of cacheable region beyond the code memory space, by means of address
remapping logic that allows four cacheable external regions to be defined
•
Power consumption reduced intrinsically (more accesses to cache memory rather to
bigger main memories); even improved by configuring ICACHE as direct mapped
(rather than the default two-ways set-associative mode)
•
TrustZone security support
•
Maintenance operation for software management of cache coherency
•
Error management: detection of unexpected cacheable write access, with optional
interrupt raising
3.2.2
Data cache (DCACHE)
The DCACHE is introduced on S-AHB system bus of Cortex-M33 processor to improve the
performance of data traffic to/from external memories.
DCACHE offers the following features:
•
Multi-bus interface:
–
Slave port receiving the memory requests from the Cortex-M33 S-AHB system
port
–
Master port performing refill requests to external memories (external flash memory
and RAMs through Octo-SPI)
–
Second slave port dedicated to DCACHE registers access
•
Close to zero wait-states external data access performance:
–
Zero wait-states on cache hit
–
Hit-under-miss capability, allowing to serve new processor requests to cached
data, while a line refill (due to a previous cache miss) is still ongoing
–
Critical-word-first refill policy for read transactions, minimizing processor stalls on
cache miss
–
Hit ratio improved by two-ways set-associative architecture and pLRU-t
replacement policy (pseudo-least-recently-used, based on binary tree), algorithm
with best complexity/performance balance
–
Optimal cache line refill thanks to AHB burst transactions (of the cache line size)
–
Performance monitoring by means of two hit counters (for read and write) and two
miss counters (for read and write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More