| Zakładka z wyszukiwarką danych komponentów |
|
ICL7665S Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICL7665S Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() ICL7665S FN3182 Rev 10.00 Page 2 of 15 August 10, 2015 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # ICL7665SACBAZ (Notes 1, 3) 7665S ACBAZ 0 to +70 8 Ld SOIC (Pb-free) M8.15 ICL7665SACBAZA (Notes 1, 3) 7665S ACBAZ 0 to +70 8 Ld SOIC (Pb-free) M8.15 ICL7665SACPAZ (Note 2) 7665S ACPAZ 0 to +70 8 Ld PDIP (Pb-free) E8.3 ICL7665SAIBAZA (Notes 1, 3) 7665 SAIBAZ -40 to +85 8 Ld SOIC (Pb-free) M8.15 ICL7665SAIPAZ (Note 2) 7665S AIPAZ -40 to +85 8 Ld PDIP (Pb-free) E8.3 ICL7665SCBAZ (Notes 1, 3) 7665 SCBAZ 0 to +70 8 Ld SOIC (Pb-free) M8.15 ICL7665SCBAZA (Notes 1, 3) 7665 SCBAZ 0 to +70 8 Ld SOIC (Pb-free) M8.15 ICL7665SCPAZ (Note 2) 7665S CPAZ 0 to +70 8 Ld PDIP (Pb-free) E8.3 ICL7665SIBAZ (Notes 1, 3) 7665 SIBAZ -40 to +85 8 Ld SOIC (Pb-free) M8.15 ICL7665SIBAZA (Notes 1, 3) 7665 SIBAZ -40 to +85 8 Ld SOIC(Pb-free) M8.15 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. 3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. |