| Zakładka z wyszukiwarką danych komponentów |
|
ST25TV16K Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TV16K Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 87 page ![]() Table 24. MEM_SIZE Bit Command Ext Get System Info (cmd code 3Bh) Type RO Name Function Factory Value b7-b0 MEM_SIZE LSB byte of the memory size expressed in blocks FFh b7-b0 MSB byte of the memory size expressed in blocks 01h 07h Note: Refer to Table 7. System configuration memory map for the MEM_SIZE register. Table 25. BLK_SIZE Bit Command Ext Get System Info (cmd code 3Bh) Type RO Name Function Factory Value b7-b0 BLK_SIZE user memory block size 03h Note: Refer to Table 7. System configuration memory map for the BLK_SIZE register. Table 26. IC_REF Bit Command Get System Info (cmd code 2Bh) Ext Get System Info (cmd code 3Bh) Type RO Name Function Factory Value b7-b0 IC_REF ISO/IEC 15693 IC Reference 48h Note: Refer to Table 7. System configuration memory map for the IC_REF register. Table 27. UID Bit Command Inventory (cmd code 01h) Get System Info (cmd code 2Bh) Ext Get System Info (cmd code 3Bh) Type RO Name Function Factory Value b7-b0 UID ISO/IEC 15693 UID byte 0 (LSB) IC manufacturer serial number b7-b0 ISO/IEC 15693 UID byte 1 b7-b0 ISO/IEC 15693 UID byte 2 b7-b0 ISO/IEC 15693 UID byte 3 b7-b0 ISO/IEC 15693 UID byte 4 b7-b0 ISO/IEC 15693 UID byte 5: ST Product code 48h b7-b0 ISO/IEC 15693 UID byte 6: IC Mfg code 02h b7-b0 ISO/IEC 15693 UID byte 7 (MSB) E0h Note: Refer to Table 7. System configuration memory map for the UID register. ST25TV16K ST25TV64K Device Parameter Registers DS11489 - Rev 9 page 21/87 |