| Zakładka z wyszukiwarką danych komponentów |
|
ACTS08DMSR Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ACTS08DMSR Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() ACTS08MS FN3994 Rev 0.00 Page 2 of 8 April 1995 Absolute Maximum Ratings Reliability Information Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V DC Input Current, Any One Input 10mA DC Drain Current, Any One Output 50mA Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (All voltages reference to VSS) Thermal Impedance JA JC DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74oC/W 24oC/W Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . 116oC/W 30oC/W Maximum Package Power Dissipation at +125oC DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4W Maximum Device Power Dissipation. . . . . . . . . . . . . . . . . . .(TBD)W Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Gates CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation. Operating Conditions Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . 10ns/V Max Operating Temperature Range (TA) . . . . . . . . . . . . -55oC to +125oC Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS PARAMETER SYMBOL (NOTE 1) CONDITIONS GROUP A SUB- GROUPS TEMPERATURE LIMITS UNITS MIN MAX Supply Current ICC VCC = 5.5V, VIN = VCC or GND 1+25oC- 5 A 2, 3 +125oC, -55oC - 100 A Delta ICC DICC VCC = 5.5V VIN = VCC or GND 1 Input = 3.4V 1, 2, 3 +25oC, +125oC, -55oC- 1.6 mA Output Current (Source) IOH VCC = VIH = 4.5V, VOUT = VCC -0.4V, VIL = 0V (Note 2) 1+25oC-12 - mA 2, 3 +125oC, -55oC-8 - mA Output Current (Sink) IOL VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V (Note 2) 1+25oC12 - mA 2, 3 +125oC, -55oC8 - mA Output Voltage High VOH VCC = 5.5V, VIH = 2.75V, IOH = -50 A, VIL = 0.80V 1, 2, 3 +25oC, +125oC, -55oC VCC -0.1 - V VCC = 4.5V, VIH = 2.25V, IOH = -50 A, VIL = 0.8V 1, 2, 3 +25oC, +125oC, -55oC VCC -0.1 - V Output Voltage Low VOL VCC = 5.5V, VIH = 2.75V, IOL = 50 A, VIL = 0.80V 1, 2, 3 +25oC, +125oC, -55oC- 0.1 V VCC = 4.5V, VIH = 2.25V, IOL = 50 A, VIL = 0.80V 1, 2, 3 +25oC, +125oC, -55oC- 0.1 V Input Leakage Current IIN VCC = 5.5V, VIN = VCC or GND 1+25oC- 0.5 A 2, 3 +125oC, -55oC- 1.0 A Noise Immunity Functional Test FN VCC = 4.5V, VIH = 2.25V, VIL = 0.8V (Note 3) 7, 8A, 8B +25oC, +125oC, -55oC- - V NOTE: 1. All voltages reference to device GND. 2. Force/measure functions may be interchanged. 3. Per functional tests, VO 4.0V is recognized as a logic “1”, and VO 0.5V is recognized as a logic “0”. |