| Zakładka z wyszukiwarką danych komponentów |
|
9SQL4952CNLGI8 Arkusz danych(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9SQL4952CNLGI8 Arkusz danych(HTML) 16 Page - Renesas Technology Corp |
|
16 / 30 page ![]() 16 ©2020 Renesas Electronics Corporation February 19, 2020 9SQL4952/9SQL4954/9SQL4958 Datasheet Figure 5. Test Load for AC/DC Measurements Figure 6. Test Setup for PCIe Clock Phase Jitter Measurements Alternate Terminations The device family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with IDT's “Universal” Low-Power HCSL Outputs” for details. Table 18. Terminations for AC/DC Measurements Clock Source Device Under Test (DUT) Rs (Ω) Zo (Ω) L (cm) CL (pF) N/A 9SQL495x Internal 85 12.7 2 Table 19. Terminations for PCIe Clock Phase Jitter Measurements Clock Source Device Under Test (DUT) Rs (Ω) Zo (Ω) L (cm) CL (pF) N/A 9SQL495x Internal 85 12.7 N/A CK+ DUT CK- Zo (differential) L CL CL Test Points for High Impedance Probe Oscillocope (≥20GS/s) SMA Connectors 50 Coax Cables 0.1uF CKIN+ CK+ DUT CKIN- CK- Zo (differential) L 50 |